PART |
Description |
Maker |
LTC1709-8 LTC1709-81 LTC1709-9 |
2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
|
Linear Technology
|
LTC1709EG-7 LTC1709-7 |
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
|
LINER[Linear Technology]
|
LTC3719 3719I |
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator From old datasheet system
|
Linear
|
5962-9061709MNA 5962-9061705MRA 5962-9061704MRA 59 |
Power Drivers for Peltier TEC Modules 10-Bit, 45Msps, Full-Duplex, Analog Front-End Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-Down Regulator with POR and RSI/PFO 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Smallest 1A, 1.4MHz Step-Down Regulators x4 Fast Page Mode DRAM x4快速页面模式的DRAM
|
Maxwell Technologies, Inc
|
ADP1864 ADP1864AUJZ-R7 ADP1864-EVAL |
The ADP1864 is a compact, inexpensive, constant-frequency current-mode step-down DC-to-DC controller From old datasheet system Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
|
Analog Devices, Inc. AD[Analog Devices]
|
NR887D |
Current Mode Control, Synchronous Rectifier Step-down Switching Mode
|
Sanken electric
|
SI-8100QL11 |
Current Mode Control Step-down Switching Mode
|
Sanken electric
|
EF-0926-20 EF-0926-20S |
The 926 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss.
|
JMK Inc.
|
MAX5037EMH MAX5037ETH |
4.75 to 5.5 V or 8 to 28 V, VRM 9.0, dual-phase, parallelable, average current-mode controller VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller 4 A SWITCHING CONTROLLER, 525 kHz SWITCHING FREQ-MAX, PQFP44
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
CS5305-D |
Three-Phase Synchronous Switching Step-Down Controller with Single Wire Current Sharing
|
ON Semiconductor
|
ST763A ST763AB ST763ABD ST763ABDTR ST763ABN ST763A |
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
|
STMICROELECTRONICS[STMicroelectronics]
|